Part Number Hot Search : 
GP20M DG421CY S2071 UPD68 Z86E64 TIP29C MAZ4036 A03TKLB
Product Description
Full Text Search
 

To Download MOC3021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MOC3020/D
GlobalOptoisolatorTM
6-Pin DIP Random-Phase Optoisolators Triac Driver Output
(400 Volts Peak)
The MOC3020 Series consists of gallium arsenide infrared emitting diodes, optically coupled to a silicon bilateral switch. * To order devices that are tested and marked per VDE 0884 requirements, the suffix "V" must be included at end of part number. VDE 0884 is a test option. They are designed for applications requiring isolated triac triggering. Recommended for 115/240 Vac(rms) Applications: * Solenoid/Valve Controls * Lamp Ballasts * Interfacing Microprocessors to 115 Vac Peripherals * Motor Controls
MOC3021 MOC3022 MOC3023 *
[IFT = 15 mA Max] [IFT = 10 mA Max] [IFT = 5 mA Max] *Motorola Preferred Device
STYLE 6 PLASTIC
* Static ac Power Switch * Solid State Relays * Incandescent Lamp Dimmers
6
1
STANDARD THRU HOLE CASE 730A-04
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INFRARED EMITTING DIODE Reverse Voltage Forward Current -- Continuous Total Power Dissipation @ TA = 25C Negligible Power in Triac Driver Derate above 25C OUTPUT DRIVER Off-State Output Terminal Voltage Peak Repetitive Surge Current (PW = 1 ms, 120 pps) Total Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Isolation Surge Voltage(1) (Peak ac Voltage, 60 Hz, 1 Second Duration) Total Power Dissipation @ TA = 25C Derate above 25C Junction Temperature Range Ambient Operating Temperature Range(2) Storage Temperature Range(2) Soldering Temperature (10 s) VISO PD TJ TA Tstg TL 7500 330 4.4 - 40 to +100 - 40 to +85 - 40 to +150 260 Vac(pk) mW mW/C C C C C VDRM ITSM PD 400 1 300 4 Volts A mW mW/C VR IF PD 3 60 100 1.33 Volts mA mW mW/C 1. 2. 3. 4. 5. 5. 6. 3 Symbol Value Unit 1 2
SCHEMATIC
6 5 4 ANODE CATHODE NC MAIN TERMINAL SUBSTRATE DO NOT CONNECT MAIN TERMINAL
1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating. 1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common. 2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
REV 1
(c)MotorolaInc. 1995 Motorola, Optoelectronics Device Data
1
MOC3021 MOC3022 MOC3023
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic INPUT LED Reverse Leakage Current (VR = 3 V) Forward Voltage (IF = 10 mA) OUTPUT DETECTOR (IF = 0 unless otherwise noted) Peak Blocking Current, Either Direction (Rated VDRM(1)) Peak On-State Voltage, Either Direction (ITM = 100 mA Peak) Critical Rate of Rise of Off-State Voltage (Figure 7, Note 2) COUPLED LED Trigger Current, Current Required to Latch Output (Main Terminal Voltage = 3 V(3)) MOC3021 MOC3022 MOC3023 Holding Current, Either Direction 1. 2. 3. 3. IFT -- -- -- IH -- 8 -- -- 100 15 10 5 -- A mA IDRM VTM dv/dt -- -- -- 10 1.8 10 100 3 -- nA Volts V/s IR VF -- -- 0.05 1.15 100 1.5 A Volts Symbol Min Typ Max Unit
Test voltage must be applied within dv/dt rating. This is static dv/dt. See Figure 7 for test circuit. Commutating dv/dt is a function of the load-driving thyristor(s) only. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max IFT (15 mA for MOC3021, 10 mA for MOC3022, 5 mA for MOC3023) and absolute max IF (60 mA).
TYPICAL ELECTRICAL CHARACTERISTICS TA = 25C
2 VF, FORWARD VOLTAGE (VOLTS) 1.8 PULSE ONLY PULSE OR DC 1.6 1.4 TA = -40C 25C 85C 1 10 100 IF, LED FORWARD CURRENT (mA) 1000 ITM , ON-STATE CURRENT (mA) +800
+400
0
1.2 1
-400
-800 -3 -2 -1 0 1 2 VTM, ON-STATE VOLTAGE (VOLTS) 3
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. On-State Characteristics
2
Motorola Optoelectronics Device Data
MOC3021 MOC3022 MOC3023
1.3 IFT, NORMALIZED LED TRIGGER CURRENT IFT, TRIGGER CURRENT - NORMALIZED 1.4 25 20 NORMALIZED TO: PWin 100 s 1.2 1.1 1
q
15
0.9 0.8
10
5 0 1
0.7 0.6 -40 -20 0 20 40 60 TA, AMBIENT TEMPERATURE (C) 80 100
2
5 10 20 PWin, LED TRIGGER WIDTH (s)
50
100
Figure 3. Trigger Current versus Temperature
Figure 4. LED Current Required to Trigger versus LED Pulse Width
12 10 dv/dt, STATIC (V/ s) 8 6 4 2 0 25 30 I DRM, LEAKAGE CURRENT (nA) 100 STATIC dv/dt CIRCUIT IN FIGURE 7
100
10
40
50 60 70 80 TA, AMBIENT TEMPERATURE (C)
90
1 - 40 - 30 - 20 -10 0 10 20 30 40 50 60 TA, AMBIENT TEMPERATURE (C)
70
80
Figure 5. dv/dt versus Temperature
Figure 6. Leakage Current, IDRM versus Temperature
+400 Vdc
RTEST
R = 10 k
PULSE INPUT
CTEST MERCURY WETTED RELAY X100 SCOPE PROBE
D.U.T.
1. The mercury wetted relay provides a high speed repeated pulse to the D.U.T. 2. 100x scope probes are used, to allow high speeds and voltages. 3. The worst-case condition for static dv/dt is established by triggering the D.U.T. with a normal LED input current, then removing the current. The variable RTEST allows the dv/dt to be gradually increased until the D.U.T. continues to trigger in response to the applied voltage pulse, even after the LED current has been removed. The dv/dt is then decreased until the D.U.T. stops triggering. tRC is measured at this point and recorded. Vmax = 400 V
APPLIED VOLTAGE WAVEFORM
252 V dv dt
tRC
0 VOLTS
V + 0.63 RCmax + 252 RC
t t
Figure 7. Static dv/dt Test Circuit
Motorola Optoelectronics Device Data
3
MOC3021 MOC3022 MOC3023
VCC Rin 1 2 3 MOC 3021/ 3022/ 3023 6 5 4 0.01 F LOAD GROUND 360 0.05 F 470 HOT 39 240 VAC
* This optoisolator should not be used to drive a load directly. It is intended to be a trigger device only. Additional information on the use of optically coupled triac drivers is available in Application Note AN-780A.
In this circuit the "hot" side of the line is switched and the load connected to the cold or ground side. The 39 ohm resistor and 0.01 F capacitor are for snubbing of the triac, and the 470 ohm resistor and 0.05 F capacitor are for snubbing the coupler. These components may or may not be necessary depending upon the particular triac and load used.
Figure 8. Typical Application Circuit
4
Motorola Optoelectronics Device Data
MOC3021 MOC3022 MOC3023
PACKAGE DIMENSIONS
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L M N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.300 BSC 0_ 15 _ 0.015 0.100 STYLE 6: PIN 1. 2. 3. 4. 5. 6. MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 7.62 BSC 0_ 15 _ 0.38 2.54
-B-
1 3
F 4 PL
N
C
L
-T-
SEATING PLANE
K G J 6 PL 0.13 (0.005) TA
M M
E 6 PL D 6 PL 0.13 (0.005)
M
M
TB
M
A
M
B
M
ANODE CATHODE NC MAIN TERMINAL SUBSTRATE MAIN TERMINAL
CASE 730A-04 ISSUE G
-A-
6 1 4
-B-
3
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.020 0.025 0.008 0.012 0.006 0.035 0.320 BSC 0.332 0.390 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.51 0.63 0.20 0.30 0.16 0.88 8.13 BSC 8.43 9.90
F 4 PL
H C
L
-T- G E 6 PL D 6 PL 0.13 (0.005)
M
J K 6 PL 0.13 (0.005) TA
M M
SEATING PLANE
TB
M
A
M
B
M
DIM A B C D E F G H J K L S
CASE 730C-04 ISSUE D
*Consult factory for leadform option availability
Motorola Optoelectronics Device Data
5
MOC3021 MOC3022 MOC3023
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.400 0.425 0.015 0.040 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 10.16 10.80 0.38 1.02
-B-
1 3
F 4 PL
N C
L
-T-
SEATING PLANE
G D 6 PL
K 0.13 (0.005)
M
J TA
M
E 6 PL
B
M
*Consult factory for leadform option availability
CASE 730D-05 ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
*MOC3020/D*
Motorola OptoelectronicsMOC3020/D Device Data


▲Up To Search▲   

 
Price & Availability of MOC3021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X